Part Number Hot Search : 
89C51RD2 UF4001 STTH208U 1062254 111H601C 1N1082 BL55080 ZM4739A
Product Description
Full Text Search
 

To Download VHB25-28F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHB25-28F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VHB25-28F is Designed for
PACKAGE STYLE .380 4L FLG
.112 x 45 A O.125 NOM. FULL R J .125
FEATURES:
* * * OmnigoldTM Metalization System
B
C D
MAXIMUM RATINGS
IC VCBO VEBO VCEO PDISS TJ TSTG JC
O
F
E HI
G
4.0 A 65 V 4.0 V 35 V 40 W @ TC = 25 OC -65 C to +200 C -65 OC to +150 OC 4.4 OC/W
O
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ORDER CODE: ASI10724
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob fT PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 200 mA IC = 200 mA IE = 10 mA VE = 30 V VCE = 5.0 V VCB = 28 V VCE = 10 V VCC = 28 V IC = 200 mA POUT = 25 W IC = 200 mA f = 1.0 MHz f = 100 MHz f = 175 MHz
MINIMUM TYPICAL MAXIMUM
35 65 4.0 2.0 5.0 --50 250 8.5 60
UNITS
V V V mA --pF MHz dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of VHB25-28F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X